|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TR0636E-20170 IT3D(M)-300S-BGA (37) Lead-Free CROSS SECTION TEST REPORT - Post 6000 cycles Report - APPRO VED CHECKED CHARG ED T Y. ARAI T M. MAT SUO T S. KI KUCHI Nov . 18, 2009 Nov . 18, 2009 Nov . 17, 2009 HIROSE ELECTRIC [1] Objective To evaluate SnCu intermetallic at BGA joints by cross sectioning initial state and post 6000 thermal cycle in accordance with IPC-9701. [2] Specimens No. 1 2 3 4 5 6 7 8 Virgin Solder Ball on Connector Sn-3.0Ag-0.5Cu IT3M-300S-BGA (37) Lead Free No clean Post 6000 cycle Water Soluble Initial Water Soluble Product Name State Solder paste No clean Assembly Virgin Assembly Reworked Virgin Assembly Reworked Virgin Assembly Reworked Virgin Assembly Reworked Reworked Sn-3.0Ag-0.5Cu Remarks *Specimens are assembled as Fig.1. *The test board design is based on IPC-9701 specification. *Thickness of the PCB: 3.3mm 328 294 Spacer Position [3] Test Period From July 16, 2008 to January 20, 2009 Cross Sectioning 1. Requirements SnCu intermetallic is observed at `the solder to connector pin interface' and `the solder to pad interface'. 2. Conditions 2-1 Test condition (+10 / 0 C ) 0 ( 0 / -10 C ) 0 Number of cycles : 6000 For details, please refer to IPC-9701 and JESD22-A-104-B. 2-2 Cross Sectioning Locations 1st Column of Solder Joints Pin 1 Side 1st Row of Solder Joints 3. Results Typical SnCu intermetallic was observed in all specimens. Initial Representative Cross Section A B (Cross Section) 3-1: No clean, Virgin Assembly A B 3-2: No clean, Reworked 3-3: Water Soluble, Virgin Assembly 3-4: Water Soluble, Reworked Post 6000 cycles Representative Cross Section A B (Cross Section) 3-1: No clean, Virgin Assembly A B 3-2: No clean, Reworked 3-3: Water Soluble, Virgin Assembly 3-4: Water Soluble, Reworked |
Price & Availability of IT3M-300S-BGA |